PART |
Description |
Maker |
MIC5333-MNYMT MIC5333-J4YMT MIC5333-MMYMT MIC5333- |
DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, DSO10 2.50 X 2.50 MM, MLF-10 DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO10 2.50 X 2.50 MM, MLF-10 Micro-Power High Performance Dual 300mA ULDO?/a> with Dual POR Micro-Power High Performance Dual 300mA ULDO with Dual POR Micro-Power High Performance Dual 300mA ULDO⑩ with Dual POR
|
Micrel Semiconductor, Inc.
|
MAX1971 MAX197009 MAX1970EEE MAX1971EEE MAX1972EEE |
Dual, 180掳 Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO Dual, 180° Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
|
Maxim Integrated Products Maxim Integrated Produc...
|
MAX8529EEG MAX8529 |
1.5MHz Dual 180∑ Out-of-Phase PWM Step-Down Controller with POR
|
MAXIM[Maxim Integrated Products]
|
ISL6614BCB-T ISL6614BCB ISL6614BCBZ ISL6614BCBZ-T |
Dual Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
|
INTERSIL[Intersil Corporation]
|
LT8495-15 |
SEPIC/Boost Converter with 2A, 70V Switch, 9A Quiescent Current, POR and Watchdog Timer
|
Linear Technology
|
EM6620TQ32B EM6620TQ32D EM6620TQ44B EM6620TQ44D |
Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP; Temperature Range: -40°C to 85°C; Package: 10-DFN Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP; Temperature Range: 0°C to 70°C; Package: 8-SOIC Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 微控制器 Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP; Temperature Range: -40°C to 85°C; Package: 10-DFN 微控制器
|
Etron Technology, Inc
|
HD74ALVC1G04VSE HD74ALVC1G04 |
Standard IC>General-Purpose Logics>Uni-Logic 74ALVC 1G/2G Series>74ALVC1G Series Single Inverter Buffer
|
RENESAS[Renesas Electronics Corporation]
|
HD74ALVC1G79 HD74ALVC1G79VSE |
Standard IC>General-Purpose Logics>Uni-Logic 74ALVC 1G/2G Series>74ALVC1G Series Single Positive Edge-triggered D-type Flip Flop
|
Renesas Electronics Corporation
|
AT83C5134-14 |
Integrated Power Monitor (POR/PFD) to Supervise Internal Power Supply
|
ATMEL Corporation
|
MAX5072 |
2.2MHz, Dual-Output Buck or Boost Converter with POR and Power-Fail Output
|
Maxim Integrated Products
|